Part Number Hot Search : 
2SB1292 2SB1292 AP9918GJ 40008 MCP1630 BZX85C12 1N6006 A7912
Product Description
Full Text Search
 

To Download 502439-0400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 01/06/2009 please check www.molex.com for latest part information part number: 5024391400 status: active description: 2.00mm (.079") pitch clik-mate? wire-to-board housing, single row, positive lock, 14 circuits documents: 3d model product specification ps-502443-001 (pdf) drawing (pdf) related catalog page (pdf) general product family crimp housings series 502439 product name clik-mate? physical breakaway no circuits (maximum) 14 color - resin white gender plug keying to mating part yes lock to mating part yes number of rows 1 packaging type bag panel mount no pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm polarized to mating part yes stackable no temperature range - operating -25c to +85c material info reference - drawing numbers product specification ps-502443-001 sales drawing sd-502439-002 series image - reference only eu rohs china rohs elv and rohs compliant need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. search parts in this series 502439 series mates with 502443 pcb receptacle vertical . 502494 pcb receptacle right angle use with 502438 crimp terminal this document was generated on 01/06/2009 please check www.molex.com for latest part information
language japanese english 1 14 e sheet 1~13 revise on pc only title: 2.0mm pitch wire to board connector single type u?? u?? u?? u?? e revised j2008-2504 '07/12/21 y.goto rev. description this document contains information that is propriet ary to molex inc. and should not be used without written p ermission design control j status written by: y.goto checked by: k.asakawa approved by: yo.ito date : yr/mo/day 2007/03/20 document number ps-502443-001 file name ps502443001.doc sheet 1 of 14 en-37(019) product specification m scope ? ? ?{ 2.0mm ?? ? ? 1 ? ?? ? this specification covers the 2.0 mm pitch wire to bo ard connector (single type) series u?? ? product name and part number u ? product name u ? part number ? `?? plug terminal ? ? ?? ? plug housing (with positive lock) ?` ? ? straight receptacle assembly ? y? embossed tape packaging for 502443-**09 ??? ? ? right angle receptacle assembly ? y? embossed tape packaging for 502494-**09 * : refer to the drawing. m? ratings and applicable wires ? item ? standard S?R rated voltage (max.) 250 v awg#22 3.0a awg#24 2.0a S m? rated current ( max. ) and applicable wires awg#26 1.5a [ ac ( g rms) / dc ] ? 0.9 1.5mm insulation o.d. ??? ambient temperature range (operating and non-operating) -25c ~ + 85c *1 ? Y ? not freeze to low temperature *1 : ? ? ??N ?? including terminal temperature rise.
language japanese english revise on pc only title: 2.0mm pitch wire to board connector single type u?? u?? u?? u?? e see sheet 1 rev. description this document contains information that is proprietary to molex inc. and should not be used without written p ermission document number ps-502443-001 file name ps502443001.doc sheet 2 of 14 en-37(019) product specification performance . ?? electrical performance ? item test condition ? requirement 4-1-1 contact resistance ? ? _?R 20mv ?j 10ma ? y (jis c5402 5.4) mate connectors and measured by dry circuit, 20mv max., 10ma. (jis c5402 5.4) 20 milliohms max. 4-1-2 ~ F insulation resistance ? ? O `?? g ?? ` g? dc 250v ? y (jis c5402 5.2/mil-std-202 ?Y 302) mate connectors and apply 250v dc between adjacent terminal or ground. (jis c5402 5.2/mil-std-202 method 302) 1000 megohms min. 4-1-3 R dielectric strength ? ? O ?? g ?? ` g? ac(rms) 800v ( g ) 1 g ? 2 (jis c5402 5.1/mil-std-202 ?Y 301) mate connectors and apply 800v ac(rms) for 1 minute between adjacent terminal or ground. trip current 2ma. (jis c5402 5.1/mil-std-202 method 301) ? ? no breakdown 4-1-4 R??? contact resistance on crimped portion `?? m? R _?R 20mv ?j 10ma ? y crimp the applicable wire to the terminal, measured b y dry circuit, 20mv max., 10ma. 5 milliohms max.
language japanese english revise on pc only title: 2.0mm pitch wire to board connector single type u?? u?? u?? u?? e see sheet 1 rev. description this document contains information that is proprietary to molex inc. and should not be used without written p ermission document number ps-502443-001 file name ps502443001.doc sheet 3 of 14 en-37(019) product specification . C mechanical performance ? item test condition ? requirement 4-2-1 ?i? insertion and withdrawal force ?i ? i? insert and withdraw connectors with hand. ?? refer to paragraph 6 awg#22 39.2n{4.0kgf}min. awg#24 29.4n{3.0kgf}min. 4-2-2 R? crimping pull out force R ? `?? ? ? S 25 3mm ? ? (jis c5402 6.8) fix the crimped terminal, apply axial pull out force on the wire at the speed rate of 25 3mm/minute. (jis c5402 6.8) awg#26 19.6n{2.0kgf}min. 4-2-3 `?? terminal insertion force R ? `?? ? ? insert the crimped terminal into the housing. 9.8n { 1.0kgf } max. 4-2-4 ?`?? plug terminal retention force ?? ? ? ?`?? 1 5mm/sec ? ? apply axial pull out force at the speed rate of 1 5mm/sec on the plug terminal assembled in the plug housing. 9.8n { 1.0kgf } min. 4-2-5 ?`?? rec. terminal retention force ?? ? ? `?? 253mm ? S ? apply axial pull out force at the speed rate of 253mm/minute on the rec. terminal assembled in the rec. housing. 2.94n {0.3 kgf} min. 4-2-6 ???? ???? housing lock strength ( positive lock ) ? ? S ? 25 3mm ? ? mated connectors, and apply axial pull out force at the speed rate of 25 3mm/minute. 29.4n {3.0 kgf} min.
language japanese english revise on pc only title: 2.0mm pitch wire to board connector single type u?? u?? u?? u?? e see sheet 1 rev. description this document contains information that is proprietary to molex inc. and should not be used without written p ermission document number ps-502443-001 file name ps502443001.doc sheet 4 of 14 en-37(019) product specification environmental performance and others ? item test condition ? requirement 4-3-1 i repeated insertion / withdrawal 1 g 10 ? ?i ? i? 30 R when mated up to 30 cycles repeatedly by the rate of 10 cycles per minute with hand. contact resistance 40 milliohms max. 4-3-2 N temperature rise ?? R? ? ? ?A ?R / ?? _ r ??N ? y ( ?? ) all crimp-style terminal shall be connected in a direct series by minimum awg. the temperature rise shall be measured by thermocouple when the terminal reaches terminal equilibrium under rated voltage / rated current. (however with resistive load) N temperature rise 30 c max. Q appearance ? ? no damage contact resistance 40 milliohms max. 4-3-3 vibration dc 1ma ??B ? ?S ??? ? 3 10 55 10 hz/ ? ? 1.52mm 2 rg ? (mil-std-202 ?Y 201) mate connectors and subject to the following vibration conditions, for a period of 2 hours in each of 3 mutually perpendicular axes, passing dc 1ma during the test. amplitude : 1.52mm p-p frequency : 10~55~10 hz in 1 minute. duration : 2 hours in each x.y.z.axes. (mil-std-202 method 201) ? discontinuity 1 microsecond max. Q appearance ? ? no damage contact resistance 40 milliohms max. 4-3-4 n mechanical shock dc 1ma ??B ? ?S ??? ? 6 490m/s { 50g } ?rg 11ms n 3 ? (jis c0041/mil-std-202 ?Y 213) mate connectors and subject to the following shock conditions. 3 shocks shall be applied along 3 mutually perpendicular axes, passing dc 1 ma current during the test. (total of 18 shocks) test pulse : half sine peak value : 490 m/s 2 (50 g) duration : 11 ms (jis c0041/mil-std-202 method 213) ? discontinuity 1 microsecond max.
language japanese english revise on pc only title: 2.0mm pitch wire to board connector single type u?? u?? u?? u?? e see sheet 1 rev. description this document contains information that is proprietary to molex inc. and should not be used without written p ermission document number ps-502443-001 file name ps502443001.doc sheet 5 of 14 en-37(019) product specification ? item test condition ? requirement Q appearance ? ? no damage 4-3-5 heat resistance ? ? 852c ? 96 rg? 1 rg (jis c60068-2-2/mil-std-202 ?Y 108) mate connectors and expose to 85 2 for 96 hours. upon completion of the exposure period, the test specimens shall be conditioned at ambient room conditions for 1 hour , after which the specified measurements shall be performed. (jis c60068-2-2/mil-std-202 method 108) contact resistance 40 milliohms max Q appearance ? ? no damage 4-3-6 cold resistance ? ? C253c ? 96 rg ? 1 rg (jis c60068-2-1) mate connectors and expose to -25 3 for 96 hours. upon completion of the exposure period, the test specimens shall be conditioned at ambient room conditions for 1 hour, after which the specified measurements shall be performed. (jis c60068-2-1) contact resistance 40 milliohms max. Q appearance ? ? no damage contact resistance 40 milliohms max. ~ F insulation resistance 100 megohm min. 4-3-7 ? humidity ? ? 402c ? 90~95 ? 96 rg ? 1 rg ? (jis c60068-2-3/mil-std-202 ?Y 103) mate connectors and expose to 40 2 , relative humidity 90 to 95% for 96 hours. upon completion of the exposure period, the test specimens shall be conditioned at ambient room conditions for 1 to 2 hours, after which the specified measurements shall be performed. (jis c60068-2-3/mil-std-202 method 103) R dielectric strength 4-1-3 ? must meet 4-1-3
language japanese english revise on pc only title: 2.0mm pitch wire to board connector single type u?? u?? u?? u?? e see sheet 1 rev. description this document contains information that is proprietary to molex inc. and should not be used without written p ermission document number ps-502443-001 file name ps502443001.doc sheet 6 of 14 en-37(019) product specification ? item test condition ? requirement Q appearance ? ? no damage 4-3-8 ? temperature cycling ? ? C25 3c 30 ? +85 2 30 1 ? 5 R ?rg 5 ? ?Y 1 2 rg ? (jis c0025) mate connectors and subject to the following conditions for 5 cycles. upon completion of the exposure period, the test specimens shall be conditioned at ambient room conditions for 1 to 2hours, after which the specified measurements shall be performed. 5 cycles of : a) C 25 3c 30 minutes b) + 85 2c 30 minutes (jis c0025) contact resistance 40 milliohms max. Q appearance ? no damage 4-3-9 c ? F salt spray ? ? 352c ? 51% ?c ? 48 4 rg F ?Y ?? ? ? (jis c60068-2-11/mil-std-202 ?Y 101) mate connectors and expose to the following salt mist conditions. upon completion of the exposure period, salt deposits shall be removed by a gentle wash or dip in running water, after which the specified measurements shall be performed. nacl solution concentration : 5 1 % spray time : 48 4 hours ambient temperature : 35 2 (jis 60068-2-11/mil-std-202 method 101) contact resistance 40 milliohms max. Q appearance ? ? no damage 4-3-10 so 2 gas ? ? 402c ? 505ppm 24 rg mated connectors and expose to the conditions of 50 5ppm so2 gas ambient temperature 40 2 for 24 hours. contact resistance 40 milliohms max.
language japanese english revise on pc only title: 2.0mm pitch wire to board connector single type u?? u?? u?? u?? e see sheet 1 rev. description this document contains information that is proprietary to molex inc. and should not be used without written p ermission document number ps-502443-001 file name ps502443001.doc sheet 7 of 14 en-37(019) product specification ? item test condition ? requirement Q appearance ? ?p ? without damage such as cracks or other breaks 4-3-11 ? ammonia gas ? ? 28 ? ? 40 g 1 ? 25 mated connectors and expose to the conditions of nh3 gas evaporating from 28% ammonia solution for 40 minutes. contact resistance 40 milliohms max. 4-3-12 solderability 0.5mm 245 3 4 5 dip soldertails into the molten solder [held at 245 5 degree centigrade] up to 0.5mm from the bottom of the housing for 4 5 seconds. solder wetting n e 90 90% of immersed area must show no voids,pin holes. ` r ? ? g ? reflow soldering method reference reflow condition at 7 clause. 4-3-13 ? resistance to soldering heat r ? 0.2mm 350 10c ? 3 ? soldering iron method 0.2mm from terminal tip solder temperature : 350 10c soldering time :3 4 seconds max. Q appearance ? ? no damage ( ) : ? reference standard { } : g reference unit
language japanese english revise on pc only title: 2.0mm pitch wire to board connector single type u?? u?? u?? u?? e see sheet 1 rev. description this document contains information that is proprietary to molex inc. and should not be used without written p ermission document number ps-502443-001 file name ps502443001.doc sheet 8 of 14 en-37(019) product specification Q ? | product shape, dimensions and materials . u? dimensions of product refer to the drawing. . ?? ? ?? about shape of rec housing ? ? ? r ` ? ? O ? ?? ? ? ? ? ? following features are designed for a gate offset whe n molding. the slit position is different as molding die layout. ` ?
language japanese english revise on pc only title: 2.0mm pitch wire to board connector single type u?? u?? u?? u?? e see sheet 1 rev. description this document contains information that is proprietary to molex inc. and should not be used without written p ermission document number ps-502443-001 file name ps502443001.doc sheet 9 of 14 en-37(019) product specification ?i? insertion / withdrawal force O g i? no. of unit insertion (max.) withdrawal (min.) ckt ? ? ? ? 1st 6th 30th 1st 6th 30th n 12.9 14 18.3 0.8 0.8 0.8 4 {kgf} { 1.32 } { 1.43 } { 1.87 } { 0.08 } { 0.08 } { 0.08 } n 16.2 17.5 21.8 1.0 1.0 1.0 5 {kgf} { 1.65 } { 1.79 } { 2.22 } { 0.10 } { 0.10 } { 0.10 } n 19.4 21.5 24.8 1.2 1.2 1.2 6 {kgf} { 1.98 } { 2.20 } { 2.53 } { 0.12 } { 0.12 } { 0.12 } n 25.9 28 32.3 1.6 1.6 1.6 8 {kgf} { 2.64 } { 2.86 } { 3.30 } { 0.16 } { 0.16 } { 0.16 } n 38.8 42.5 46.3 2.4 2.4 2.4 12 {kgf} { 3.96 } { 4.33 } { 4.72 } { 0.24 } { 0.24 } { 0.24 } n 42 46.4 49.6 2.5 2.5 2.5 13 {kgf} { 4.29 } { 4.73 } { 5.06 } { 0.26 } { 0.26 } { 0.26 } n 45.3 49.6 52.8 2.7 2.7 2.7 14 {kgf} { 4.62 } { 5.06 } { 5.39 } { 0.28 } { 0.28 } { 0.28 } ? y released lock, and measure. { } : g reference unit
language japanese english revise on pc only title: 2.0mm pitch wire to board connector single type u?? u?? u?? u?? e see sheet 1 rev. description this document contains information that is proprietary to molex inc. and should not be used without written p ermission document number ps-502443-001 file name ps502443001.doc sheet 10 of 14 en-37(019) product specification ` reflow condition 240+5/0?` ? 240+5/0 (peak temp.) 230 2010 230 min. 2010sec. 150 9030 pre-heat 9030sec. 180 ? temperature condition graph ( ?? ) (solder joint part) ?? ` v ? ` ? ? ? ? ? ?g? u ( ` u ) _J ?` ? ? ?? } note : please check the mount condition (reflow solderin g condition) by your own devices beforehand, because the condition changes by the solderi ng devices, p.c. boards, and so on. although tail of terminal and nail may discolors, a so lderability does not have a problem
language japanese english revise on pc only title: 2.0mm pitch wire to board connector single type u?? u?? u?? u?? e see sheet 1 rev. description this document contains information that is proprietary to molex inc. and should not be used without written p ermission document number ps-502443-001 file name ps502443001.doc sheet 11 of 14 en-37(019) product specification ?? notes u? ?? \ _J ? ? u? ? there is no influence in the product performance thoug h the black spot etc. might be confirmed to the plastic part of this product and the shade might be different. u? a ? ?? Q ? u? ? the wound of friction might adhere to externals becau se the tin plating is used for the tail and nail. but there is no influence in the product performance. u? ? _J u? } a few scratch may be confirmed to the surface of the ho using and the plating of this product, however, there is no problem in the product performance. h? m compliance with environmental directive elv rohs m? elv and rohs compliant
language japanese english revise on pc only title: 2.0mm pitch wire to board connector single type u?? u?? u?? u?? e see sheet 1 rev. description this document contains information that is proprietary to molex inc. and should not be used without written p ermission document number ps-502443-001 file name ps502443001.doc sheet 12 of 14 en-37(019) product specification ? Q ? ? instruction upon usage ? ? ? Q ?? ? e 2.0 w/b conn. single ? ? Q h please refer to the manual of the 2.0 w/b connector. single series for the detailed handling of the connect or. ??r ??? ? ? ? ? ? ? ? ? ? b ?p ? ? please push the part directed by fig.1 at the time of mate. it may damage, when electric wires or lock part of the r eceptacle housing are pushed. 1 fig.1 ? ? ?? H ? ? ? ? X ? ?? ?? ` ? o ? ? ? i when unmated connectors, positive locks shall be released. ? ? ?g? ?g? ? ? mounting performance of coplanarity shall not contain the influence of the warpage of the mounting board. ? ? ? ? ^ ?? ? g? ? ? ^ ` ` ? ? ? ?? ? ^ ? the coplanarity assurance of this product is a guarante e alone before mounting, and the coplanarity during and after the empty reflow is not guaranteed. push push ? wire ?? rec. housing
language japanese english revise on pc only title: 2.0mm pitch wire to board connector single type u?? u?? u?? u?? e see sheet 1 rev. description this document contains information that is proprietary to molex inc. and should not be used without written p ermission document number ps-502443-001 file name ps502443001.doc sheet 13 of 14 en-37(019) product specification g? ? ? ` ? H ? ? ? d g ? i ? ` ? ? ? ?p ? ?? please conduct it under the condition of the specificatio ns when repairing by hand soldering iron after mount ing. in the case of practicing beyond the condition, the ba cklash, the change in the contact gap, the deformation of the mold and the melting, etc. m ay cause a damage. ?X ` O? ? H ? ? ?? a? ? in the case of changing our recommended board pattern s ize and designing, please consult in advance because it may cause a fatal defect. ` ? ? ?k u? ? ? strand, etc. may be generated on the terminal plati ng part according to the reflow condition, however, there is no influence in the product performance. ` ? ? ? ? k u? ? ? discoloration may be generated in the resin part accordi ng to the reflow condition, however, there is no influence in the product performance. ?? ? ? ` ? g? ? n2 ` ?g? ` ? n2 ` ? g? e?u ? ?? soldering wicking: "this connector assumes the mounting by an air reflow. in the case of mounting by the n2 reflow, there is a risk of the soldering wick ing. the separate evaluation is necessary for mounting by the n2 reflow." ?X _ ??? ?d ? u ? t 0.11mm _ ? ? description of size of thickness of recommended metal mask and the aperture ratio. and the metal mask of thickness of t=0.11mm and the ape rture ratio of 100% is used in our evaluation.
language japanese english revise on pc only title: 2.0mm pitch wire to board connector single type u?? u?? u?? u?? e see sheet 1 rev. description this document contains information that is proprietary to molex inc. and should not be used without written p ermission document number ps-502443-001 file name ps502443001.doc sheet 14 of 14 en-37(019) product specification rev. rev. record date ec no. written: chk: a proposed '07/05/18 j2007-2645 n.ito k.asakawa b revised '07/05/29 j2007-3240 n.ito k.asakawa c revised '07/07/20 j2008-0216 n.ito k.asakawa d revised '07/10/16 j2008-1352 n.ito k.asakawa e revised 07/12/21 j2008-2504 y.goto k.asakawa


▲Up To Search▲   

 
Price & Availability of 502439-0400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X